Part Number Hot Search : 
AM29F0 ALFY455E DU222 256574 CXA3171N AO4488 D4235G MC1558SG
Product Description
Full Text Search
 

To Download SRSHELF4PSLHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartrack heavy-duty sliding shelf (200 lb/91 kg capacity; 26 in/660 mm depth.) model number: SRSHELF4PSLHD description tripp lite's smartrack SRSHELF4PSLHD is a heavy duty sliding shelf for installation in rack cabinets. the SRSHELF4PSLHD has a 28.5 in. / 72.4cm depth (29.5 in. / 74.9cm including handle) and can support up to 200lbs. this fully extendible shelf can accommodate tower units, monitors and other equipment. it is designed for 4 post rack mounting and the required mounting hardware is included. expandable mounting rails supports installation in racks with front to rear rail distances between 28 in. / 71cm minimum and 46 in. / 117cm maximum. features heavy duty sliding shelf for installation in rack cabinets 28.5 in. / 72.4cm depth (29.5 in. / 74.9cm including handle) supports up to 200 lb this fully extendable shelf can accommodate tower units, monitors and other equipment designed for 4 post rack mounting and the required mounting hardware is included expandable mounting rails supports installation in racks with front to rear rail distances between 28 in. / 71cm minimum and 46 in. / 117cm maximum specifications physical shipping dimensions (hwd / in.) 3.25 x 20 x 31 shipping dimensions (hwd / cm) 8.26 x 50.8 x 78.74 shipping weight (lbs.) 24 shipping weight (kg) 10.89 unit dimensions (hwd / in.) 1.75 x 17.5 x 29.5 unit dimensions (hwd / cm) 4.45 x 44.45 x 74.93 highlights heavy duty sliding shelf supports up to 200 lbs. designed for 4 post rack mounting 28.35 inch / 72cm shelf depth fully extendible shelf accommodates tower units, monitors, and other equipment cold rolled steel with black finish required mounting hardware included package includes shelf and mounting hardware 1 / 2
unit weight (lbs.) 24 unit weight (kg) 10.89 warranty product warranty period (worldwide) 5-year limited warranty ? 2015 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2


▲Up To Search▲   

 
Price & Availability of SRSHELF4PSLHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X